Part Number Hot Search : 
AK4675EG 1N4754 K1492 K1492 TD623 SMS15P1 MN14142 KK4006BN
Product Description
Full Text Search
 

To Download SR3150-T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
SR3150
Pb
3.0A HIGH VOLTAGE SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
!" Schottky Barrier Chip !" !" !" !" !" !" Ideally Suited for Automatic Assembly Low Power Loss, High Efficiency Surge Overload Rating to 100A Peak For Use in Low Voltage Application Guard Ring Die Construction Plastic Case Material has UL Flammability Classification Rating 94V-O B D A F C H G E
Mechanical Data
!" Case: SMB/DO-214AA, Molded Plastic !" Terminals: Solder Plated, Solderable per MIL-STD-750, Method 2026 !" Polarity: Cathode Band or Cathode Notch !" Marking: Device Code !" Weight: 0.093 grams (approx.) !" Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
SMB/DO-214AA Dim Min Max A 3.30 3.94 B 4.06 4.70 C 1.91 2.11 D 0.152 0.305 E 5.08 5.59 F 2.13 2.44 G 0.051 0.203 H 0.76 1.27 All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TL = 75C Symbol VRRM VRWM VR VR(RMS) IO
@TA=25C unless otherwise specified
SR3150
Unit
150 105 3.0
V V A
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage @IF = 3.0A @TA = 25C @TA = 100C
IFSM VFM IRM RJL RJA Tj TSTG
100 0.92 0.5 20 20 75 -65 to +125 -65 to +150
A V mA C/W C C
Typical Thermal Resistance (Note 1) Operating Temperature Range Storage Temperature Range
Note: 1. Mounted on P.C. Board with 14mm2 copper pad area.
SR3150
1 of 4
(c) 2006 Won-Top Electronics
2.5
IF, INSTANTANEOUS FORWARD CURRENT (A)
3.0
10
IO, AVERAGE FORWARD CURRENT (A)
2.0
1.0
1.5
1.0
0.1
0.5 0 25 50 75 100 125 150
TJ - 25C IF Pulse Width = 300 s
0.01 0 0.2 0.4 0.6 0.8 1.0 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
1000
f = 1 MHz TJ = 25C
TL , LEAD TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
100
IF, PEAK FORWARD SURGE CURRENT (A)
Single Half-Sine-Wave (JEDEC Method)
80
TT = 100C
60
CJ, JUNCTION CAPACITANCE (pF)
100
40
20
0 1 10 100
10 0.1 1 10 100
NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
IR, INSTANTANEOUS REVERSE CURRENT (mA)
1k
100
10
Tj = 100C
1.0
Tj = 75C
0.1
Tj = 25C
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
SR3150
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
RECOMMENDED FOOTPRINT
WTE 3150
Cathode WTE 3150 = Polarity Band = Manufacturer's Logo = Device Code
0.050 MIN (1.27 MIN)
0.082 MIN (2.10 MIN)
0.106 MAX (2.65 MAX)
inches(mm)
PACKAGING INFORMATION
TAPE & REEL
Direction of Unreeling
8mm 330mm 12mm
4mm 12mm Product ID Label
1.6mm
Reel Diameter (mm) 330
Quantity (PCS) 3,000
Inner Box Size L x W x H (mm) 340 x 337 x 45
Quantity (PCS) 6,000
Carton Size L x W x H (mm) 370 x 370 x 420
Quantity (PCS) 48,000
Approx. Gross Weight (KG) 14.0
Note: 1. Paper reel, white or gray color. 2. Components are packed in accordance with EIA standard 481-1 and 481-2.
SR3150
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
SR3150-T3
1. 2.
Package Type
SMB
Shipping Quantity
3000/Tape & Reel
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, SR3150-T3-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
SR3150
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of SR3150-T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X